Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download IRFP460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
IRFP460
N - CHANNEL 500V - 0.22 - 20 A - TO-247 PowerMESHTM MOSFET
TYPE IRFP460
s s s s s
V DSS 500 V
R DS(on) < 0.27
ID 20 A
TYPICAL RDS(on) = 0.22 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED VERY LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED
3 2 1
DESCRIPTION This power MOSFET is designed using the company's consolidated strip layout-based MESH OVERLAYTM process. This technology matches and improves the performances compared with standard parts from various sources. APPLICATIONS s HIGH CURRENT SWITCHING s UNINTERRUPTIBLE POWER SUPPLY (UPS) s DC/DC COVERTERS FOR TELECOM, INDUSTRIAL, AND LIGHTING EQUIPMENT.
TO-247
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID I DM (*) P tot dv/dt(1) Ts tg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 o C Drain Current (continuous) at Tc = 100 oC Drain Current (pulsed) T otal Dissipation at Tc = 25 C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature
o
Value 500 500 20 20 13 80 250 2 3.5 -65 to 150 150
( 1) ISD 20 , di/dt 160 A/s, VDD V(BR)DSS, Tj TJMAX
Un it V V V A A A W W /o C V/ns
o o
C C
(*) Pulse width limited by safe operating area
September 1998
1/8
IRFP460
THERMAL DATA
R thj -case
Rthj -amb
R thc-sink Tl
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
0.5 30 0.1 300
C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy o (starting Tj = 25 C, I D = IAR , VDD = 50 V) Max Valu e 20 1000 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 500 10 100 100 T yp. Max. Unit V A A nA
V DS = Max Rating Zero G ate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 20 V
T c = 125 oC
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Test Con ditions ID = 250 A ID = 12 A 20 Min. 2 T yp. 3 0.22 Max. 4 0.27 Unit V A
Static Drain-source O n V GS = 10V Resistance
On State Drain Current V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse T ransfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz I D = 12 A V GS = 0 Min. 13 4200 500 50 T yp. Max. Unit S pF pF pF
2/8
IRFP460
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 250 V ID = 10 A VGS = 10 V R G = 4.7 (see test circuit, figure 1) V DD = 400 V ID = 20 A V GS = 10 V Min. T yp. 32 15 100 21 37 130 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l tr (Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Con ditions V DD = 400 V ID = 20 A R G = 4.7 V GS = 10 V (see test circuit, figure 5) Min. T yp. 20 25 47 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 20 A V GS = 0 700 9 25 I SD = 20 A di/dt = 100 A/s T j = 150 o C V DD = 100 V (see test circuit, figure 3) Test Con ditions Min. T yp. Max. 20 80 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
IRFP460
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
IRFP460
Normalized Gate Threshold Voltage vs Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
IRFP460
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 1: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
IRFP460
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M Dia 2 3.55 15.3 19.7 14.2 34.6 5.5 3 3.65 0.079 0.140 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 0.413 1.362 0.217 0.118 0.144 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
7/8
IRFP460
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. .
8/8


▲Up To Search▲   

 
Price & Availability of IRFP460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X